Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7100ASTR Datasheet(PDF) 34 Page - STMicroelectronics

Part # VNH7100ASTR
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100ASTR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VNH7100ASTR Datasheet HTML 30Page - STMicroelectronics VNH7100ASTR Datasheet HTML 31Page - STMicroelectronics VNH7100ASTR Datasheet HTML 32Page - STMicroelectronics VNH7100ASTR Datasheet HTML 33Page - STMicroelectronics VNH7100ASTR Datasheet HTML 34Page - STMicroelectronics VNH7100ASTR Datasheet HTML 35Page - STMicroelectronics VNH7100ASTR Datasheet HTML 36Page - STMicroelectronics VNH7100ASTR Datasheet HTML 37Page - STMicroelectronics VNH7100ASTR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Package and packing information
VNH7100AS
34/38
DocID028092 Rev 4
5.2
SO-16N packing information
Figure 29. SO-16N reel 13”
Table 17. SO-16N mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b0.31
0.51
c0.17
0.25
D
9.80
9.90
10.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e1.27
h0.25
0.50
L0.40
1.27
k0
8
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com