Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6955CA Datasheet(PDF) 13 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 9Page - STMicroelectronics VS6955CA Datasheet HTML 10Page - STMicroelectronics VS6955CA Datasheet HTML 11Page - STMicroelectronics VS6955CA Datasheet HTML 12Page - STMicroelectronics VS6955CA Datasheet HTML 13Page - STMicroelectronics VS6955CA Datasheet HTML 14Page - STMicroelectronics VS6955CA Datasheet HTML 15Page - STMicroelectronics VS6955CA Datasheet HTML 16Page - STMicroelectronics VS6955CA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
DocID028071 Rev 2
13/90
VS6955CA
Functional description
21
remain at LP-00. If this state is entered from streaming then the data pads go to LP-11 at the
end of the current frame. The internal video timing is reset to the start of a video frame in
preparation for the enabling of active video. The values of the serial interface registers such
as exposure and gain are preserved. The system clock must remain active when
communicating with the sensor.
This state is entered by releasing the device from hard reset by writing 0x00 to the mode
control register (0x0100) or commanding a soft reset by writing 0x01 to the software reset
register (0x0103).
Note:
After a soft reset or the transition of XSHUTDOWN to high, all registers are returned to their
default values.
3.1.4
Streaming
The VS6955CA streams live video. This mode is entered by writing 0x01 to the mode
control register (0x0100).
3.2
Power management
3.2.1
Power-up procedure
The digital and analog supply voltages can be powered up in any order, for example, VDIG
then VANA or VANA then VDIG.
On power-up the on-chip power-on reset cell ensures that the CCI register values are
initialized correctly to their default values.
The EXTCLK clock can either be initially low and then enabled during software standby
mode or EXTCLK can be a free running clock.
The power-up sequence timing constraints are shown in Table 4.
Table 4. Power-up sequence timing constraints
Symbol
Parameter
Min.
Max.
Units
t0
VANA rising – VDIG rising
VANA and VDIG may rise in any
order. The rising separation can
vary from 0 ns to indefinite.
ns
t1
VDIG rising – VANA rising
ns
t2
VDIG / VANA rising –
XSHUTDOWN rising
XSHUTDOWN must rise later
than or coincident with the later
rising supply (VDIG or VANA)
µs
t3
XSHUTDOWN – First I2C
transaction
28,500
EXTCLK cycles
t4
Minimum number of EXTCLK cycles
prior to the first I2C transaction
28,500
EXTCLK cycles
t5
PLL start up/lock time
-
1
ms
t6
Entering streaming mode – First
frame start sequence (fixed part)
-10
ms
t7
Entering streaming mode – First
frame start sequence (variable part)
= Integration time
fine_integration_
time_min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com