Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6955CA Datasheet(PDF) 20 Page - STMicroelectronics

Part # VS6955CA
Description  5.0 megapixel fixed-focus camera module
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6955CA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VS6955CA Datasheet HTML 16Page - STMicroelectronics VS6955CA Datasheet HTML 17Page - STMicroelectronics VS6955CA Datasheet HTML 18Page - STMicroelectronics VS6955CA Datasheet HTML 19Page - STMicroelectronics VS6955CA Datasheet HTML 20Page - STMicroelectronics VS6955CA Datasheet HTML 21Page - STMicroelectronics VS6955CA Datasheet HTML 22Page - STMicroelectronics VS6955CA Datasheet HTML 23Page - STMicroelectronics VS6955CA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
Functional description
VS6955CA
20/90
DocID028071 Rev 2
3.5
External clock
3.5.1
PLL and clock input
The VS6955CA has an embedded PLL block. This block generates all necessary internal
clocks from an input range defined in Table 7.
The value of the external clock frequency must be written to the register 0x0136
(extclk_frequency_mhz).
3.5.2
Clock input type
The external clock provided by the host to the VS6955CA must be a DC coupled square
wave and may also be RC-filtered.
Figure 9. Clock input types
Table 6. POR cell characteristics
Symbol
Constraint
Minimum
Typical
Maximum
Units
VTRIGR
POR rise voltage detection
0.95
V
VTRIGF
POR fall voltage detection
0.4
V
Tburst (pw)
Burst filter
2
8
µs
Tpor
Delay duration
20
45
µs
Table 7. System input clock frequency range
Minimum (MHz)
Maximum (MHz)
6
27
Pad
Pad
Extclk
extclk
Camera module
Host processor
Pad
Pad
Extclk
extclk
Camera module
Host processor
1st option
DC-coupled
2nd option
DC-coupled
and filtered
pwrdn
pwrdn
pwrdn
pwrdn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com