Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F219 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F219
Description  64-Bit Random Access Memory with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F219 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F219 Datasheet HTML 1Page - National Semiconductor (TI) 74F219 Datasheet HTML 2Page - National Semiconductor (TI) 74F219 Datasheet HTML 3Page - National Semiconductor (TI) 74F219 Datasheet HTML 4Page - National Semiconductor (TI) 74F219 Datasheet HTML 5Page - National Semiconductor (TI) 74F219 Datasheet HTML 6Page - National Semiconductor (TI) 74F219 Datasheet HTML 7Page - National Semiconductor (TI) 74F219 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9500
November 1994
54F74F219
64-Bit Random Access Memory with TRI-STATE
Outputs
General Description
The ’F219 is a high-speed 64-bit RAM organized as a
16-word by 4-bit array Address inputs are buffered to mini-
mize loading and are fully decoded on-chip The outputs are
TRI-STATE and are in the high-impedance state whenever
the Chip Select (CS) input is HIGH The outputs are active
only in the Read mode This device is similar to the ’F189
but features non-inverting rather than inverting data out-
puts
Features
Y
TRI-STATE outputs for data bus applications
Y
Buffered inputs minimize loading
Y
Address decoding on-chip
Y
Diode clamped inputs minimize ringing
Y
Available in SOIC (300 mil only)
Commercial
Military
Package
Package Description
Number
74F219PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F219DL (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F219SC (Note 1)
M16B
16-Lead (0300 Wide) Molded Small Outline JEDEC
74F219SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F219FL (Note 2)
W16A
16-Lead Cerpack
54F219LL (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DLQB FLQB and LLQB
Logic Symbol
TLF9500 – 1
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9500 – 2
Pin Assignment
for LCC
TLF9500 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F219

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
logo
NXP Semiconductors
74F219A PHILIPS-74F219A Datasheet
91Kb / 12P
64-bit TTL bipolar RAM, non-inverting 3-State
1996 Jan 05
logo
Fairchild Semiconductor
74F219PC FAIRCHILD-74F219PC Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
74F219SC FAIRCHILD-74F219SC Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
74F219SJ FAIRCHILD-74F219SJ Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
More results

Similar Description - 74F219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
64-Bit Random Access Memory with TRI-STATEE Outputs
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
64-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
64-Bit 3-STATE Random Access Read/Write Memory
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
64-BIT RANDOM-ACCESS READ/WRITE MEMORY
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
64-BIT RANDOM ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com