Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F219 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F219
Description  64-Bit Random Access Memory with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F219 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F219 Datasheet HTML 1Page - National Semiconductor (TI) 74F219 Datasheet HTML 2Page - National Semiconductor (TI) 74F219 Datasheet HTML 3Page - National Semiconductor (TI) 74F219 Datasheet HTML 4Page - National Semiconductor (TI) 74F219 Datasheet HTML 5Page - National Semiconductor (TI) 74F219 Datasheet HTML 6Page - National Semiconductor (TI) 74F219 Datasheet HTML 7Page - National Semiconductor (TI) 74F219 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A3
Address Inputs
1010
20 mA b06 mA
CS
Chip Select Input (Active LOW)
1020
20 mA b12 mA
WE
Write Enable Input (Active LOW)
1010
20 mA b06 mA
D0–D3
Data Inputs
1010
20 mA b06 mA
O0–O3
TRI-STATE Data Outputs
15040 (333)
b
3 mA24 mA (20 mA)
Function Table
Inputs
Operation
Condition of Outputs
CS
WE
L
L
Write
High Impedance
L
H
Read
True Stored Data
H
X
Inhibit
High Impedance
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Block Diagram
TLF9500 – 4
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com