Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICO310 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # ICO310
Description  Robust Din-rail Fanless Embedded System with Intel Celeron
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO310 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  ICO310 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO310 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357
* All specifications and photos are subject to change without notice.
ICO310
NEW
Features
Robust Din-rail Fanless Embedded System
with Intel® Celeron® Processor N3060/
N3160, 2 COM, 4 USB, 2 Gigabit LAN
(1 PoE PD), DIO and RTC
● Fanless design
● Supports Intel® Celeron® processor N3060 (1.6 GHz/2-core)
or N3160 (1.6 GHz/4-core)
● 2 RS-232/422/485 ports
● 4 USB ports
● 2 isolated 10/100/1000Mbps Ethernet ports
● 1 PoE PD is compliant with IEEE 802.3at standard through LAN 1
● 1 DIO port
● 2 wireless (3G/GPRS & Wi-Fi)
● Supports 1 mSATA & SATA SSD (or HDD)
● Wide range 12-24V DC-In
Specifications
Standard Color
White
Construction
Extruded aluminum and heavy-duty steel, IP40
CPU
Intel® Celeron® processor N3060 (1.6 GHz/2-core) or
N3160 (1.6 GHz/4-core)
System Board
SBC87887
System Memory
DDR3L SO-DIMM max. up to 8 GB
BIOS
AMI UEFI BIOS
System I/O Outlet
Serial Port
2 x RS-232/422/485 (COM 1/2) with DB9
connectors
Interface select by BIOS
Supports Auto Flow Control in RS-485 mode
LED indicator (TX/RX) for COM 1/2
USB
2 x USB 3.0
2 x USB 2.0
RTC
Battery onboard
Storage
1 x mSATA
1 x SATA SSD (or HDD)
LAN
2 x 10/100/1000 Mbps Ethernet
1 x PoE PD compliant with IEEE 802.3at
standard through LAN 1 (ICO310-N3060-
PD-DC, ICO310-N3160-PD-DC)
Power Input
DC terminal block: 12-24V DC-In
PoE: IEEE 802.3at
Display
VGA
Wireless
2 x full-size Miin Card slot
1 x SIM socket
3 x Antenna
(PS: One of Mini Card slot co-lay
mSATA, so mSATA with wireless can be
either one)
DIO
1 x DIO
- DB9 8-bit programming connector
- The voltage of TTL is 5V.
- Without isolation function
- The programming is as follow:
1. I/O sink current is 8~10mA
(Output drive current ±50 mA)
2. Input/Output can programming
Watchdog Timer
255 levels, 1~255 sec.
System Indicator
Power, active, COMs (TX/RX)
Power Supply
Power Input Range: 12-24VDC
Power Input Rating: 12-24VDC, 2.09-1.09A
Power Protection: DC Version
OVP, Reverse protection
Operating Temperature
-20°C ~ +60°C (-4°F ~ +140°F)
*The frequency of CPU will down when system operating
temperature over 55°C (ICO310-N3060, ICO310-N3060-PD,
ICO310-N3160) or over 50°C (ICO310-N3160-PD)
Storage Temperature
-40°C ~ +85°C (-49°F ~ +185°F)
Humidity
10% ~ 95%
Vibration Endurance
2g @ 5 ~ 500Hz, amplitude 0.35 mm
(operation/storage/transport)
Weight
1.0 kg (2.2 lb)/1.50 kg (3.3 lb)
Certification
CE, FCC
Dimensions
48 mm (1.88") (W) x 110 mm (4.33") (D) x 155 mm (6.1") (H)
Mounting
Din-rail mounting
Wall mounting
OS Support
Windows® 7 Embedded
Windows® 8 Embedded
Windows® 8, Windows® 10
Linux support package
Remote Management
Software
AXView 2.0
Intelligent Remote Management Solution for IoT
* mSATA and wireless can be either one.
Front view
Rear view
Top view
LED indicators
(Power, Active, TX/RX)
1 x VGA
2 x COM
1 x PD + 10/100/1000Mbps LAN
1 x DIO
Power DC-In
IP40
EN60950
Fanless
Low Power
Ext. Temp
Updated March 04, 2016.


Similar Part No. - ICO310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ICO310-N3060-PB-DC AXIOMTEK-ICO310-N3060-PB-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3060-PBPD-DC AXIOMTEK-ICO310-N3060-PBPD-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3160-DC AXIOMTEK-ICO310-N3160-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3160-PB-DC AXIOMTEK-ICO310-N3160-PB-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
ICO310-N3160-PB-DC AXIOMTEK-ICO310-N3160-PB-DC Datasheet
301Kb / 3P
Robust DIN-rail Fanless Embedded System with Intel짰 Celeron짰 Processor N3060/N3160, 2 COM, 4 USB, 2 GbE LANs (1 PoE PD), DIO and RTC
More results

Similar Description - ICO310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
Robust Din-rail Fanless Embedded System
ICO100-839 AXIOMTEK-ICO100-839_17 Datasheet
293Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO120-83D AXIOMTEK-ICO120-83D Datasheet
313Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Atom Processor
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO300-MI AXIOMTEK-ICO300-MI_17 Datasheet
393Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Atom Processor E3815
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
ICO320-83C AXIOMTEK-ICO320-83C Datasheet
290Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350/N4200
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
Robust Din-rail Fanless Embedded System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com