Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICO310 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # ICO310
Description  Robust Din-rail Fanless Embedded System with Intel Celeron
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO310 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  ICO310 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO310 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
3
358
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
Ordering Information
Standard
ICO310-N3060-DC
Robust din-rail fanless embedded system with Intel®
Celeron® processor N3060 (1.6 GHz/2-core), 2 COM,
2 LANs (-20°C ~ +60°C)
ICO310-N3060-PD-DC
Robust din-rail fanless embedded system with Intel®
Celeron® processor N3060 (1.6 GHz/2 core), 2 COM, 1 LAN,
1 PoE PD+LAN (-20°C ~ +60°C)
ICO310-N3160-DC
Robust din-rail fanless embedded system with Intel®
Celeron® processor N3160 (1.6 GHz/4-core), 4 COM,
2 LANs (-20°C ~ +60°C)
ICO310-N3160-PD-DC
Robust din-rail fanless embedded system with Intel®
Celeron® processor N3160 (1.6 GHz/4 core), 2 COM, 1 LAN,
1 PoE PD+LAN (-20°C ~ +60°C)
Optional
2.5" SATA SSD or HDD (with W.T. SSD or HDD)
mSATA 16 GB ~ 512 GB (with W.T. mSATA)
DDR3L SO-DIMM 2 GB ~ 8 GB (with W.T. memory)
Wall mounting kit
Wireless (3G/GPRS or Wi-Fi) module
*Specifications and certifications are based on options and may vary.
Dimensions
Updated March 04 2016.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com