Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC240 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # MPC240
Description  24 FHD TFT Medical Grade Panel Computer with 4th Generation Intel Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MPC240 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MPC240 Datasheet HTML 1Page - Axiomtek Co., Ltd. MPC240 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
647
* All specifications and photos are subject to change without notice.
Features
MPC240
24" FHD TFT Medical Grade Panel Computer
with 4th Generation Intel® Core™ i7/i5/i3,
Celeron® & Pentium® Mobile Processor
● 24" FHD TFT LCD display with LED backlight
● Socket G3 4th generation Intel® Core™ i7/i5/i3, Celeron® &
Pentium® Mobile Processor
● EN60601-1 and CE certified
● Spill-proof front panel design
● Supports 10-point multi-touch screen
● Antimicrobial enclosure
● Ultra slim and super lightweight design
● Supports optional wall mount, VESA mount and
desktop stand
Introduction
Specifications
The MPC240 is an Intel® Core™-based 24-inch medical grade touch panel computer
which is well-suited for applications like medical image processing and medical
measuring instrument. Especially designed for the medical & healthcare environment, the
10-point touchscreen medical panel PC is front panel spill-proof design which protects
the entire system from outside liquid, preventing system from crashing. In response to
market demand, this 24" medical panel computer is a cost-effective solution.
Super slim & ultra lightweight design
The Axiomtek MPC240 is a super slim 24-inch touch panel PC for space-limited
healthcare environment with its thickness of 35.5 mm and weight of 6.2 kg only, which
make it installed everywhere. Besides, it provides medical grade AC power adapter.
Built-in internal WLAN
The stylish MPC240 provides a PCIe Mini Card slot and a built-in WLAN antenna for
wireless network connections. By simply plugging in the wireless LAN card, customers
can use the 24-inch medical computer in a wireless LAN/GPRS/GSM/4G environment.
Certifications
This 24" multi-touch medical panel platform complies with EN60601 and CE certifications
to ensure medical operation safety.
Front Bezel
Spill-proof
LCD Panel
Display Type
24" FHD TFT LCD with LED backlight
Brightness (cd/m
2)
250 nits
Resolution
1920 x 1080
Main System
CPU
Socket G3 4th generation Intel®
Core™ i7/i5/i3, Celeron® &
Pentium® mobile processor
System Memory
2 x 204-pin DDR3L 1600 MHz
SO-DIMM max. up to 16 GB, 8 GB for
each socket
BIOS
AMI BIOS
Storage
1 x 2.5" SATA HDD
1 x M2-SATA SSD (M2 Type, 2242)
Optical Drive
1 x Super Multi drive (optional)
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated in Intel® GFX
1. Camera
2. Optical disc drive
3. Cable tie slot
4. DC-in jack
5. USB 2.0 x 4
6. USB 3.0 x 4
7. RJ-45 port
8. HDMI output port
9. Speakers
10. Power button
11. Earphone jack
12. Microphone jack
13. Card reader
DDR3L
DDR3
DDR3
DualView
Low Power
EN60601-1
Side view
1
9
2
13
12
4
8
5
6 7
10
11
3
NEW


Similar Part No. - MPC240

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC240 AXIOMTEK-MPC240_17 Datasheet
819Kb / 2P
24 FHD TFT Medical Grade Panel Computer with 4th Gen Intel짰 Core i7/i5/i3
More results

Similar Description - MPC240

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT Datasheet
483Kb / 2P
21.5 Full HD TFT Fanless Multi-Touch Panel Computer with LGA1150 Socket 4th Generation Intel Core
GOT3217W-881-PCT AXIOMTEK-GOT3217W-881-PCT_17 Datasheet
479Kb / 2P
21.5 FHD TFT Fanless Multi-touch Panel Computer with LGA1150 Socket 4th Gen
GOT3217WL-845-PCT AXIOMTEK-GOT3217WL-845-PCT Datasheet
519Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with Intel Pentium Processor N3710
P1177S-881 AXIOMTEK-P1177S-881_17 Datasheet
416Kb / 2P
17 SXGA TFT Slim Industrial Touch Panel Computer with 4th Gen Intel Core
MPC102-832 AXIOMTEK-MPC102-832_17 Datasheet
366Kb / 2P
10.4 SVGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
MPC152-832 AXIOMTEK-MPC152-832_17 Datasheet
364Kb / 2P
15 XGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
MPC175-873 AXIOMTEK-MPC175-873_17 Datasheet
755Kb / 2P
17 SXGA TFT Fanless Medical Grade Panel Computer with 3rd Gen Intel Core
MPC240 AXIOMTEK-MPC240_17 Datasheet
819Kb / 2P
24 FHD TFT Medical Grade Panel Computer with 4th Gen Intel짰 Core i7/i5/i3
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
4th Generation Intel Core Gaming platform
TPC-1881WPH ADVANTECH-TPC-1881WPH Datasheet
784Kb / 2P
18.5 FHD TFT LED LCD Intel® 4th Generation Core i5 Multi-Touch Panel Computer
5-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com