Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC240 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MPC240
Description  24 FHD TFT Medical Grade Panel Computer with 4th Generation Intel Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MPC240 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MPC240 Datasheet HTML 1Page - Axiomtek Co., Ltd. MPC240 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
648
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
6
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional OS Installation
Dimensions
MPC240
22" FHD medical touch panel computer with Intel®
Core™ processor, projected capactive multi-touch screen,
AC-DC 135W medical grade power adapter (screw type
connector), EMI class B and EN60601-1 certified
* Specification and certifications are based on options and may vary.
Windows® 7
Windows® 8.1
I/O Connector
4 x USB 3.0
4 x USB 2.0
1 x line out
1 x mic-in
1 x RJ-45 jack
1 x DC-in jack
1 x HDMI
Expansion Interface
1 x SDXC card reader slot
1 x Mini Card slot for Wi-Fi
Audio
2 x 1.5 KHz speaker/70dB
1 x microphone
Camera
1 x 2M pixels webcam
Sensor
1 x proximity sensor
Touch Screen
Projected capacitive multi-touch 10-point
Power Supply
1. 100V-240V, 135W medical grade power adapter
2. Built-in UPS battery (optional)
Dimensions
610 mm (24.01") (W) x 35.5 mm (1.40") (D) x 415 mm (16.34") (H)
Packing Dimensions
780 mm (30.71") (W) x 160 mm (6.30") (D) x 530 mm (20.87") (H)
Weight(net/gross)
6.2 kg (13.66 lb)/9 kg (19.84 lb)
Environment
Operating temperature: 5°C ~ +40°C (+13°F ~ +104°F)
Storage temperature: -30°C ~ +60°C (-22°F ~ +140°F)
Relative humidity: 10%~90% @ 40°C; non-condensing
Certificate
CE, EN60601-1
533.36(touch pad view area)
573.36
610



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com