Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2390M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2390M
Description  N-Channel 150-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2390M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2390M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2390M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2390M
N-Channel 150-V MOSFET
VER 1.1
1
Description
ACE2390M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• PoE Power Sourcing Equipment
• PoE Powered Devices
• Telecom DC/DC converters
• White LED boost converters
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
a
TA=25°C
ID
1.1
A
TA=70°C
0.9
Pulsed Drain Current
b
IDM
5
Continuous Source Current (Diode Conduction)
a
IS
1.6
A
Power Dissipation
a
TA=25°C
PD
1.3
W
TA=70°C
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
t<=10sec
RθJA
100
°C/W
Steady State
166
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE2390M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2391M ACE-ACE2391M Datasheet
723Kb / 6P
N-Channel 150-V MOSFET
VER 1.1
ACE2398M ACE-ACE2398M Datasheet
448Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
More results

Similar Description - ACE2390M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
N-Channel 150-V (D-S) MOSFET
26-May-03
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
N-Channel 150-V (D-S) MOSFET
20-Feb-06
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
N-Channel 150-V (D-S) MOSFET
06-Apr-09
logo
ACE Technology Co., LTD...
ACE2391M ACE-ACE2391M Datasheet
723Kb / 6P
N-Channel 150-V MOSFET
VER 1.1
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
N-Channel 150 V (D-S) MOSFET
23-May-16
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
N-Channel 150 V (D-S) MOSFET
30-Sep-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com