Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F244PC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F244PC
Description  Octal Buffers/Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F244PC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74F244PC Datasheet HTML 1Page - National Semiconductor (TI) 74F244PC Datasheet HTML 2Page - National Semiconductor (TI) 74F244PC Datasheet HTML 3Page - National Semiconductor (TI) 74F244PC Datasheet HTML 4Page - National Semiconductor (TI) 74F244PC Datasheet HTML 5Page - National Semiconductor (TI) 74F244PC Datasheet HTML 6Page - National Semiconductor (TI) 74F244PC Datasheet HTML 7Page - National Semiconductor (TI) 74F244PC Datasheet HTML 8Page - National Semiconductor (TI) 74F244PC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
OE1 OE2
TRI-STATE Output Enable Input (Active LOW)
101667
20 mA b1mA
OE2
TRI-STATE Output Enable Input (Active HIGH)
101667
20 mA b1mA
I0–I7
Inputs (’F240)
101667
20 mA b1mA
I0–I7
Inputs (’F241 ’F244)
102667
20 mA b16 mA
O0–O7 O0–O7
Outputs
6001066 (80)
b
12 mA64 mA (48 mA)
Worst-case ’F240 enabled ’F241 ’F244 disabled
Truth Tables
’F240
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
H
X
Z
LH
L
L
H
L
LL
H
L
L
H
’F241
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
L
X
Z
LH
H
H
H
H
LL
L
H
L
L
’F244
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
H
X
Z
LH
H
L
H
H
LL
L
L
L
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com