Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F244PC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F244PC
Description  Octal Buffers/Line Drivers with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F244PC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F244PC Datasheet HTML 1Page - National Semiconductor (TI) 74F244PC Datasheet HTML 2Page - National Semiconductor (TI) 74F244PC Datasheet HTML 3Page - National Semiconductor (TI) 74F244PC Datasheet HTML 4Page - National Semiconductor (TI) 74F244PC Datasheet HTML 5Page - National Semiconductor (TI) 74F244PC Datasheet HTML 6Page - National Semiconductor (TI) 74F244PC Datasheet HTML 7Page - National Semiconductor (TI) 74F244PC Datasheet HTML 8Page - National Semiconductor (TI) 74F244PC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
ICCH
Power Supply Current (’F240)
19
29
mA
Max
VO e HIGH
ICCL
Power Supply Current (’F240)
50
75
mA
Max
VO e LOW
ICCZ
Power Supply Current (’F240)
42
63
mA
Max
VO e HIGH Z
ICCH
Power Supply Current
40
60
mA
Max
VO e HIGH
(’F241 ’F244)
ICCL
Power Supply Current
60
90
mA
Max
VO e LOW
(’F241 ’F244)
ICCZ
Power Supply Current
60
90
mA
Max
VO e HIGH Z
(’F241 ’F244)
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
51
70
30
90
30
80
ns
tPHL
Data to Output (’F240)
20
35
47
20
60
20
57
tPZH
Output Enable Time (’F240)
20
35
47
20
65
20
57
tPZL
40
69
90
40
105
40
100
ns
tPHZ
Output Disable Time (’F240)
20
40
53
20
65
20
63
tPLZ
20
60
80
20
125
20
95
tPLH
Propagation Delay
25
40
52
20
65
25
62
ns
tPHL
Data to Output (’F241 ’F244)
25
40
52
20
70
25
65
tPZH
Output Enable Time
20
43
57
20
70
20
67
tPZL
(’F241 ’F244)
20
54
70
20
85
20
80
ns
tPHZ
Output Disable Time
20
45
60
20
70
20
70
tPLZ
(’F241 ’F244)
20
45
60
20
75
20
70
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
240241244
SCX
Temperature Range Family
Special Variations
74FeCommercia
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
CeCommercial (0 Cto a70 C)
D e Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e Flatpak
NOTE
L e Leadless Chip Carrier (LCC)
Not required for MSA package
S e Small Outline SOIC JEDEC
code
MSA e Shrink Small Outline Package (EIAJ SSOP)
(’244 only)
SJ e Small Outline SOIC EIAJ
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com