Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX42315-R Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX42315-R
Description  Hardened Unmanaged 5/6 port Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX42315-R Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX42315-R Datasheet HTML 1Page - Axiomtek Co., Ltd. EX42315-R Datasheet HTML 2Page - Axiomtek Co., Ltd. EX42315-R Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
EX42300 Series
www.EtherWAN.com
rev. A2
Dimensions
Front
Side
Bottom
Back
Top
100mm (4”)
30mm (1.18”)
Ordering Information
Model
EX42305
Hardened Unmanaged 4-port 10/100BASE-TX (4 x PoE) + 1-port 10/100/1000BASE-T Gigabit Ethernet Switch
EX42315-X
Hardened Unmanaged 4-port 10/100BASE-TX (4 x PoE) + 1-port 10/100/1000BASE-T + 1-port 1000BASE-X
Gigabit Ethernet Switch
* DIN-Rail mounting kit included
Ordering Information - continued
100FXFiberOptions(X)
3
1000BASE-SX(SC)-550m
5
1000BASE-SX(ST)-550m
A
1000BASE-LX(SC)-10km
R
1000BASE-BX(SC) WDM-TX:1310nm/RX:1550nm-20Km
S
1000BASE-BX(SC) WDM-TX:1550nm/RX:1310nm-20Km
V
1000BASE SFP
OptionalAccessories
SDR-240-48
240W/5A DIN-Rail 48VDC Industrial Power Supply (for terminal block)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com