Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX42315-R Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX42315-R
Description  Hardened Unmanaged 5/6 port Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX42315-R Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX42315-R Datasheet HTML 1Page - Axiomtek Co., Ltd. EX42315-R Datasheet HTML 2Page - Axiomtek Co., Ltd. EX42315-R Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
EX42300 Series
www.EtherWAN.com
rev. A2
Overview
EtherWAN’s EX42300 Series is a compact Hardened Unmanaged PoE switching platform, designed for easy deployment in harsh
environments.
The EX42300 Series is equipped 6 Ethernet ports, with a combination of Fast Ethernet copper ports with 4-port PoE (IEEE802.3at),
one Gigabit copper port, and one Gigabit fiber port for long distance connectivity. The EX42300 is feature rich with 10K Jumbo
Frame support on the Gigabit ports, full wire speed throughput, QoS support and eco-friendly IEEE802.3az EEE (Energy Efficient
Ethernet) compliant, making the EX42300 Series a powerful yet energy efficient network switch.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•PoweroverEthernet
◦ Port 1-4 are PoE ports that provide power up to 30W
•EnergyEfficientEthernet(EEE)
◦ Supports IEEE802.3az standard
•FiberConnectivity
◦ Up to one 1000BASE-SX port with SC, ST and SFP options
EX42300Series
HardenedUnmanaged5/6portEthernetSwitch
4-port10/100BASE(4xPoE)+1-port10/100/1000BASE-T
Optional1-port1000BASE-XGigabit


Similar Part No. - EX42315-R

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX420 EXTECH-EX420 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
EX420-NIST EXTECH-EX420-NIST Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
logo
List of Unclassifed Man...
EX4200 ETC2-EX4200 Datasheet
1Mb / 13P
EX4200 ETHERNET SWITCH
EX4200-24F ETC2-EX4200-24F Datasheet
1Mb / 13P
EX4200 ETHERNET SWITCH
EX4200-24F-DC ETC2-EX4200-24F-DC Datasheet
1Mb / 13P
EX4200 ETHERNET SWITCH
More results

Similar Description - EX42315-R

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
logo
Red Lion Controls. Inc
306TX REDLION-306TX Datasheet
639Kb / 3P
Unmanaged 6 Port Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
5-port unmanaged Ethernet switch
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
5-port unmanaged PoE Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com