Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX45915-R Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX45915-R
Description  Hardened Unmanaged 5-port 10/100/1000BASE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX45915-R Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX45915-R Datasheet HTML 1Page - Axiomtek Co., Ltd. EX45915-R Datasheet HTML 2Page - Axiomtek Co., Ltd. EX45915-R Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EX45900 Series
www.EtherWAN.com
3
rev. A2
Dimensions
Front
Side
Bottom
Back
Top
100mm (4”)
30mm (1.18”)
Ordering Information
Model
EX45905
Hardened Unmanaged 5-port 10/100/1000BASE-T (4 x PoE) Gigabit Ethernet Switch
EX45915-X
Hardened Unmanaged 5-port 10/100/1000BASE-T (4 x PoE) + 1-port 1000BASE-X Gigabit Ethernet Switch
* DIN-Rail mounting kit included
OpticalPortOptions(X)
3
1000BASE-SX(SC)-550m
5
1000BASE-SX(ST)-550m
A
1000BASE-LX(SC)-10km
R
1000BASE-BX(SC) WDM-TX:1310nm/RX:1550nm-20Km
S
1000BASE-BX(SC) WDM-TX:1550nm/RX:1310nm-20Km
V
1000BASE SFP
OptionalAccessories
SDR-240-48
240W/5A DIN-Rail 48VDC Industrial Power Supply (for terminal block)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com