Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX45915-R Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX45915-R
Description  Hardened Unmanaged 5-port 10/100/1000BASE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX45915-R Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX45915-R Datasheet HTML 1Page - Axiomtek Co., Ltd. EX45915-R Datasheet HTML 2Page - Axiomtek Co., Ltd. EX45915-R Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EX45900 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN's EX45900 Series provides a hardened 5-port switching platform supporting IEEE802.3at Power over Ethernet, high
performance switching with robust features required for mission-critical and harsh environments where sustained connectivity is
crucial.
The EX45900 Series is equipped with 4 10/100/1000BASE-TX PoE ports, in combination with one Gigabit Fiber option. The EX45900
is feature rich with 10K Jumbo Frame support, full wire speed Gigabit throughput, QoS support and eco-friendly IEEE802.3az EEE
(Energy Efficient Ethernet) compliant, making the EX45900 Series a powerful yet energy efficient network switch.
The IEEE802.3at PoE ports provide up to 30W/port with a total power budget of 120W, making the switch truly versatile for
connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements such as; outdoor PTZ
dome cameras, wireless access points, and way-side communication devices.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•PoweroverEthernet
◦ Port 1-4 are PoE ports that provide power up to 30W
•EnergyEfficientEthernet(EEE)
◦ Supports IEEE802.3az standard
•FiberConnectivity
◦ Up to one 1000BASE-SX ports with SC, ST and SFP options
EX45900Series
HardenedUnmanaged5-port10/100/1000BASE(4xPoE)
+1-port1000BASE-XGigabitEthernetSwitch
30W
PoE
SFP
Option


Similar Part No. - EX45915-R

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX450 EXTECH-EX450 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
EX450-NISTL EXTECH-EX450-NISTL Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
logo
Axiomtek Co., Ltd.
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-10B AXIOMTEK-EX45062-10B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-20B AXIOMTEK-EX45062-20B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
More results

Similar Description - EX45915-R

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
logo
ASIX Electronics Corpor...
AX88655AB ASIX-AX88655AB Datasheet
266Kb / 33P
5-Port 10/100/1000BASE-T Ethernet Switch
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
5-Port 10/100/1000BASE-T Ethernet Switch
logo
Axiomtek Co., Ltd.
EX16900 AXIOMTEK-EX16900 Datasheet
405Kb / 3P
Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
EX32900 AXIOMTEK-EX32900 Datasheet
416Kb / 3P
Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
EX42300 AXIOMTEK-EX42300 Datasheet
437Kb / 3P
Hardened Unmanaged 5/6 port Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
5 Port Unmanaged Ethernet Switch 10/100
SW-705 BLACKBOX-SW-705 Datasheet
1,008Kb / 4P
Hardened 5 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com