Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6571IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6571IDBVT
Description  INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6571IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  DAC6571IDBVT Datasheet HTML 1Page - Texas Instruments DAC6571IDBVT Datasheet HTML 2Page - Texas Instruments DAC6571IDBVT Datasheet HTML 3Page - Texas Instruments DAC6571IDBVT Datasheet HTML 4Page - Texas Instruments DAC6571IDBVT Datasheet HTML 5Page - Texas Instruments DAC6571IDBVT Datasheet HTML 6Page - Texas Instruments DAC6571IDBVT Datasheet HTML 7Page - Texas Instruments DAC6571IDBVT Datasheet HTML 8Page - Texas Instruments DAC6571IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
VDD
SCL
A0
GND
Output
Buffer
Power-Down
Control Logic
Resistor
Network
Ref (+) Ref (−)
10-Bit
DAC
I2C
Control
Logic
DAC
Register
Power-On
Reset
VOUT
SDA
DAC6571
SLAS406B – DECEMBER 2003 – REVISED AUGUST 2005
+2.7 V to +5.5 V, I2C INTERFACE, VOLTAGE OUTPUT,
10-BIT DIGITAL-TO-ANALOG CONVERTER
•
Micropower Operation: 125
µA @ 3 V
The DAC6571 is a low-power, single-channel, 10-bit
•
Fast Update Rate: 188 kSPS
buffered voltage output digital-to-analog converter
(DAC). Its on-chip precision output amplifier allows
•
Power-On Reset to Zero
rail-to-rail output swing to be achieved. The DAC6571
•
+2.7-V to +5.5-V Power Supply
utilizes an I2C-compatible, two-wire serial interface
•
Specified Monotonic by Design
that operates at clock rates up to 3.4 MBPS with
•
I2C™ Interface up to 3.4 MBPS
address support of up to two DAC6571s on the same
data bus.
•
On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
The output voltage range of the DAC is 0 V to VDD.
•
Double-Buffered Input Register
The DAC6571 incorporates a power-on-reset circuit
•
Address Support for up to Two DAC6571s
that ensures that the DAC output powers up at zero
volts and remains there until a valid write to the
•
Small SOT23-6 Package
device
takes
place.
The
DAC6571
contains
a
•
Operation From –40
°C to +105°C
power-down feature, accessed via the internal control
register, that reduces the current consumption of the
device to 50 nA at 5 V.
•
Process Control
The low power consumption of this part in normal
•
Data Acquistion Systems
operation makes it ideally suited for portable battery
•
Closed-Loop Servo Control
operated equipment. The power consumption is less
•
PC Peripherals
than 0.7 mW at VDD = 5 V reducing to 1 µW in
power-down mode.
•
Portable Instrumentation
The
DAC7571/6571/5571
are
12/10/8-bit,
single-channel I2C DACs from the same family. The
DAC7574/6574/5574 and DAC7573/6573/5573 are
12/10/8-bit, quad-channel I2C DACs. Also see the
DAC8571/8574 for single/quad-channel, 16-bit I2C
DACs.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC6571IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6571IDBVT TI-DAC6571IDBVT Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571IDBVT TI2-DAC6571IDBVT Datasheet
763Kb / 26P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2005
DAC6571IDBVT.B TI2-DAC6571IDBVT.B Datasheet
763Kb / 26P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
REVISED AUGUST 2005
More results

Similar Description - DAC6571IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC6573 TI1-DAC6573_16 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com