Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299SC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F299SC
Description  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F299SC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F299SC Datasheet HTML 1Page - National Semiconductor (TI) 74F299SC Datasheet HTML 2Page - National Semiconductor (TI) 74F299SC Datasheet HTML 3Page - National Semiconductor (TI) 74F299SC Datasheet HTML 4Page - National Semiconductor (TI) 74F299SC Datasheet HTML 5Page - National Semiconductor (TI) 74F299SC Datasheet HTML 6Page - National Semiconductor (TI) 74F299SC Datasheet HTML 7Page - National Semiconductor (TI) 74F299SC Datasheet HTML 8Page - National Semiconductor (TI) 74F299SC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
ESD Last Passing Voltage (Min)
4000V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
25
IOH eb1mA(Q0 Q7 IOn)
Voltage
54F 10% VCC
24
IOH eb3 mA (IOn)
74F 10% VCC
25
V
Min
IOH eb1mA(Q0 Q7 IOn)
74F 10% VCC
24
IOH eb3 mA (IOn)
74F 5% VCC
27
IOH eb1mA(Q0 Q7 IOn)
74F 5% VCC
27
IOH eb3 mA (IOn)
VOL
Output LOW
54 10% VCC
05
IOL e 20 mA
Voltage
74 10% VCC
05
V
Min
IOL e 20 mA (Q0 Q7)
74 10% VCC
05
IOL e 24 mA (IOn)
IIH
Input HIGH
54F
200
m
A
Max
VIN e 27V (CP DS0 DS7 S0 S1
Current
74F
50
MR OE1 OE2)
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V (CP DS0 DS7 S0 S1
Breakdown Test
74F
70
MR OE1 OE2)
IBVIT
Input HIGH Current
54F
10
mA
Max
VIN e 55V (IOn)
Breakdown Test (IO)
74F
05
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
74F
50
VID
Input Leakage
74F
475
V
00
IID e 19 mA
Test
All Other Pins Grounded
IOD
Output Leakage
74F
375
m
A
00
VIOD e 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
b
06
mA
Max
VIN e 05V (CP DS0 DS7 MR OE1 OE2)
b
12
VIN e 05V (S0 S1)
IIHa
Output Leakage Current
70
m
A
Max
VIO e 27V (IOn)
IOZH
IILa
Output Leakage Current
b
650
m
A
Max
VIO e 05V (IOn)
IOZL
IOS
Output Short-Circuit Current
b
60
b
150
mA
Max
VOUT e 0V
IZZ
Bus Drainage Test
500
m
A
00V
VOUT e 525V
ICCH
Power Supply Current
68
95
mA
Max
VO e HIGH
ICCL
Power Supply Current
68
95
mA
Max
VO e LOW
ICCZ
Power Supply Current
68
95
mA
Max
VO e HIGH Z
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com