Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299SC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F299SC
Description  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F299SC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F299SC Datasheet HTML 1Page - National Semiconductor (TI) 74F299SC Datasheet HTML 2Page - National Semiconductor (TI) 74F299SC Datasheet HTML 3Page - National Semiconductor (TI) 74F299SC Datasheet HTML 4Page - National Semiconductor (TI) 74F299SC Datasheet HTML 5Page - National Semiconductor (TI) 74F299SC Datasheet HTML 6Page - National Semiconductor (TI) 74F299SC Datasheet HTML 7Page - National Semiconductor (TI) 74F299SC Datasheet HTML 8Page - National Semiconductor (TI) 74F299SC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9515 – 2
Pin Assignment
for LCC
TLF9515 – 3
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
DS0
Serial Data Input for Right Shift
1010
20 mA b06 mA
DS7
Serial Data Input for Left Shift
1010
20 mA b06 mA
S0 S1
Mode Select Inputs
1020
20 mA b12 mA
MR
Asynchronous Master Reset Input (Active LOW)
1010
20 mA b06 mA
OE1 OE2
TRI-STATE Output Enable Inputs (Active LOW)
1010
20 mA b06 mA
IO0–IO7
Parallel Data Inputs or
351083
70 mA b065 mA
TRI-STATE Parallel Outputs
15040(333)
b
3 mA24 mA (20 mA)
Q0 Q7
Serial Outputs
50333
b
1 mA20 mA
Functional Description
The ’F299 contains eight edge-triggered D-type flip-flops
and the interstage logic necessary to perform synchronous
shift left shift right parallel load and hold operations The
type of operation is determined by S0 and S1 as shown in
the Mode Select Table All flip-flop outputs are brought out
through TRI-STATE buffers to separate IO pins that also
serve as data inputs in the parallel load mode Q0 and Q7
are also brought out on other pins for expansion in serial
shifting of longer words
A LOW signal on MR overrides the Select and CP inputs
and resets the flip-flops All other state changes are initiated
by the rising edge of the clock Inputs can change when the
clock is in either state provided only that the recommended
setup and hold times relative to the rising edge of CP are
observed
A HIGH signal on either OE1 or OE2 disables the TRI-
STATE buffers and puts the IO pins in the high impedance
state In this condition the shift hold load and reset opera-
tions can still occur The TRI-STATE outputs are also dis-
abled by HIGH signals on both S0 and S1 in preparation for
a parallel load operation
Mode Select Table
Inputs
Response
MR S1 S0 CP
L
X
X
X
Asynchronous Reset Q0–Q7 e LOW
HH
H
L Parallel Load IOn x Qn
HL
H
L Shift Right DS0 x Q0 Q0 x Q1 etc
HH
L
L Shift Left DS7 x Q7 Q7 x Q6 etc
H
L
L
X
Hold
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
L e LOW-to-HIGH Clock Transition
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com