Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03FSMA Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # AC03FSMA
Description  30 A surge current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC03FSMA Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  AC03FSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC03DSMA,AC03FSMA
ELECTRICAL CHARACTERISTICS (Tj = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Remarks
Repetitive Peak Off-state Current
IDRM
VDM = VDRM
Tj = 25°C
−
−
100
µ A
−
Tj = 125°C
−
−
1
mA
−
On-state Voltage
VTM
ITM = 5 A
−
−
1.8
V
Refer to Figure 1.
Gate Trigger Current
Mode I
IGT
VDM = 12 V,
T2+, G+
−
−
12
mA
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
12
IV
T2+, G
−
−
−
12
Gate Trigger Voltage
Mode I
VGT
VDM = 12 V,
T2+, G+
−
−
1.5
V
Refer to Figure 4.
II
RL = 30
Ω
T2
−, G+
−
−
−
III
T2
−, G−
−
−
1.5
IV
T2+, G
−
−
−
1.5
Gate Non-trigger Voltage
VGD
Tj = 125°C, VDM =
2
1 VDRM
0.2
−
−
V
−
Holding Current
IH
VDM = 24 V, ITM = 5 A
−
10
−
mA
−
Critical Rate Rise of Off-state Voltage
dv/dt
Tj = 125°C, VDM =
3
2
VDRM
−
100
−
V
/µs
−
Commutating Critical Rate Rise of
Off-state Voltage
(dv/dt)c
Tj = 125°C,
(diT/dt)c =
−1.6 A/ms, VD = 400 V
5
−
−
V
/µs
−
Thermal Resistance
Note
Rth(j-c)
Junction to case
−
−
4.5
°C/W Refer to Figure 13.
Rth(j-a)
Junction to ambient
−
−
65
°C/W
www.kersemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com