Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03FSMA Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # AC03FSMA
Description  30 A surge current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC03FSMA Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  AC03FSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC03DSMA,AC03FSMA
DESCRIPTION
The AC03DSMA and AC03FSMA are all diffused mold type
triac granted RMS on-state current 3 A, with rated voltages up to
600 V.
FEATURES
• Isolated plastic package (modified TO-220AB)
• 30 A surge current
APPLICATIONS
• Motor speed control
• Lamp dimmer, temperature controllers
• Various solid state switches, etc.
MAXIMUM RATINGS
Parameter
Symbol
AC03DSMA
AC03FSMA
Unit
Remarks
Non-repetitive Peak Off-state Voltage
VDSM
500
700
V
−
Repetitive Peak Off-state Voltage
VDRM
400
600
V
−
RMS On-state Current
IT(RMS)
3 (TC = 109°C)
A
Refer to Figure 11 and 12.
Surge On-state Current
ITSM
A
Refer to Figure 2.
30 (50 Hz 1 cycle)
33 (60 Hz 1 cycle)
Fusing Current
∫ iT2dt
4 (1 ms
≤ t ≤ 10 ms)
A
2s
−
Critical Rate Rise of On-state Current
dIT/dt
40
A/
µs
−
Peak Gate Power Dissipation
PGM
3 (f
≥ 50 Hz, Duty ≤ 10%)
W
−
Average Gate Power Dissipation
PG(AV)
0.3
W
−
Peak Gate Current
IGM
±0.5 (f
≥ 50 Hz, Duty ≤ 10%)
A
−
Junction Temperature
Tj
−40~+125
°C
−
Storage Temperature
Tstg
−55~+150
°C
−
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
Triac
1: T1
2: T2
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark
www.kersemi.com


Similar Part No. - AC03FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC03FSMA NEC-AC03FSMA Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
More results

Similar Description - AC03FSMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
26-Oct-04
logo
Fairchild Semiconductor
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
Control a Flyback Power Supply with Surge Current Output
logo
List of Unclassifed Man...
TCP0030A ETC2-TCP0030A Datasheet
487Kb / 4P
30 A AC/DC Current Probe
logo
Yea Shin Technology Co....
YSCKSD130DT4 YEASHIN-YSCKSD130DT4 Datasheet
812Kb / 3P
HIGH CURRENT SURGE
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
High surge current capability
logo
SG Micro Corp
SGM6605 SGMICRO-SGM6605 Datasheet
1Mb / 15P
Device Quiescent Current: 30關A (TYP)
SGM6603 SGMICRO-SGM6603 Datasheet
1Mb / 17P
Device Quiescent Current: 30關A (TYP)
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
High surge current capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com