Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F273 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F273
Description  Octal D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F273 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F273 Datasheet HTML 1Page - National Semiconductor (TI) 74F273 Datasheet HTML 2Page - National Semiconductor (TI) 74F273 Datasheet HTML 3Page - National Semiconductor (TI) 74F273 Datasheet HTML 4Page - National Semiconductor (TI) 74F273 Datasheet HTML 5Page - National Semiconductor (TI) 74F273 Datasheet HTML 6Page - National Semiconductor (TI) 74F273 Datasheet HTML 7Page - National Semiconductor (TI) 74F273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
160
95
130
MHz
tPLH
Propagation Delay
30
70
25
95
25
75
ns
tPHL
Clock to Output
40
900
30
110
35
90
tPLH
Propagation Delay
45
95
30
110
40
100
ns
tPHL
MR to Output
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
30
35
30
ts(L)
Data to CP
35
40
35
ns
th(H)
Hold Time HIGH or LOW
05
10
05
th(L)
Data to CP
10
10
10
tw(L)
MR Pulse Width LOW
60
40
60
ns
tw(H)
CP Pulse Width
60
50
60
ns
tw(L)
HIGH or LOW
60
50
60
trec
Recovery Time MR to CP
30
45
35
ns
Ordering Information
The device number is used to form part of a simplified purchasing code where a package type and temperature range are
defined as follows
74F
273
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
X e Devices shipped in 13 reels
54FeMilitary
QB e Military grade with environmental
and burn-in processing shipped
Device Type
in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
F e Flatpak
L e Leadless Chip Carrier (LCC)
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com