Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F273 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F273
Description  Octal D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F273 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F273 Datasheet HTML 1Page - National Semiconductor (TI) 74F273 Datasheet HTML 2Page - National Semiconductor (TI) 74F273 Datasheet HTML 3Page - National Semiconductor (TI) 74F273 Datasheet HTML 4Page - National Semiconductor (TI) 74F273 Datasheet HTML 5Page - National Semiconductor (TI) 74F273 Datasheet HTML 6Page - National Semiconductor (TI) 74F273 Datasheet HTML 7Page - National Semiconductor (TI) 74F273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9511
May 1995
54F74F273
Octal D Flip-Flop
General Description
The ’F273 has eight edge-triggered D-type flip-flops with in-
dividual D inputs and Q outputs The common buffered
Clock (CP) and Master Reset (MR) inputs load and reset
(clear) all flip-flops simultaneously
The register is fully edge-triggered The state of each D in-
put one setup time before the LOW-to-HIGH clock tran-
sition is transferred to the corresponding flip-flop’s Q out-
put
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input The
device is useful for applications where the true output only is
required and the Clock and Master Reset are common to all
storage elements
Features
Y
Ideal buffer for MOS microprocessor or memory
Y
Eight edge-triggered D flip-flops
Y
Buffered common clock
Y
Buffered asynchronous Master Reset
Y
See ’F377 for clock enable version
Y
See ’F373 for transparent latch version
Y
See ’F374 for TRI-STATE
version
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F273PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F273DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F273SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F273SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F273FM (Note 2)
W20A
20-Lead Cerpack
54F273LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9511 – 3
IEEEIEC
TLF9511 – 5
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F273

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
Octal D-Type Flip-Flop
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
74F273A PHILIPS-74F273A Datasheet
96Kb / 10P
Octal D flip?밼lop
1996 Mar 12
74F273AD PHILIPS-74F273AD Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
74F273AN PHILIPS-74F273AN Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
More results

Similar Description - 74F273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
Octal D Flip-Flop
logo
National Semiconductor ...
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
Octal D Flip-Flop
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
Octal D-Type Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
Octal D Flip-Flop
December, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com