Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320ACNUMNFZCWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH24240320ACNUMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ACNUMNFZCWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH24240320ACNUMNFZCWC Datasheet HTML 1Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 2Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
JH24240320A
VER: 0.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL INFORMATION.
1.1. Description.
The JH24240320A model is a Color TFT LCD .This main Module has a 2.4 inch
diagonally measured active display area with 240(RGB)×320 resolution. Each pixel is
divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH24240320A has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The JH24240320A is intended to support applications where thin thickness, wide
viewing angle and low power are critical factors and graphic displays are important.
1.2. Function&Feaures.
Item
Contents
Unit
LCD type
TFT,Normally White, Transmissive,LCD
/
Viewing direction
6 O”Clock
/
Module area (WxH)
44.52(W) x 63.38(H)x3.55(T)
mm
Active area(WxH)
36.72(W)×48.96(H)
mm
Number of Dots
240x(RGB)x320Pixels
dots
Pixel Pitch
0.153(W)x0.153(H)
mm
Pixel Arrangement
RGB Vertical Stripes
Driver IC
HX8347D(COG)
/
Backligth Type
LED(White,4pcs LED)
/
Interface Type
18 Bits/16Bits/9Bits/8Bits
/
Input volygae
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com