Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320ACNUMNFZCWC Datasheet(PDF) 12 Page - Jewel Hill Electronic

Part # JH24240320ACNUMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ACNUMNFZCWC Datasheet(HTML) 12 Page - Jewel Hill Electronic

Back Button JH24240320ACNUMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH24240320ACNUMNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
JH24240320A
VER: 0.1
- 11 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7.INTERFACE DESCRIPTION.
Pin NO.
Symbol
Description
1
GND
Power Ground
2
VCI
The
power supply 2.8V
3
VDD
The
power supply 2.8V
4
CS
CHIP SELECT PIN
5
RS
Command/display data select pin
6
/WR/SCL
Write enable clock input pin
7
RD
Read enable clock input pin
8
SDI
Serial data input pin
9~26
D0~D17
Data Bus
27
ENABLE
A data ENABLE signal in RGB I/F mode
28
DOTCLK
Data enable signal in RGB interface
29
HSYNC
Horizontal synchronizing signal in RGB interface
30
VSYNC
Vertical synchronizing signal in RGB interface
31
RESET
Reset Pin
32
IM3
Interface Mode Select
33
IM2
Interface Mode Select
34
IM1
Interface Mode Select
35
IM0
Interface Mode Select
36
LED_A
LED+
37
LED_K1
LED-
38
LED_K2
LED-
39
LED_K3
LED-
40
LED_K4
LED-
41
SDO
NC
42
XL
TOUCH PANEL X_ LEFT
43
YU
TOUCH PANEL Y_ UP
44
XR
TOUCH PANEL X_ RIGHT
45
YD
TOUCH PANEL Y_ DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com