Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320CCNUWNFZCWC Datasheet(PDF) 22 Page - Jewel Hill Electronic

Part # JH24240320CCNUWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320CCNUWNFZCWC Datasheet(HTML) 22 Page - Jewel Hill Electronic

Back Button JH24240320CCNUWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 19Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 20Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 21Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 23Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
JH24240320C
VER: 03.1
- 21 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
12. REVISION HISTORY.
Version
Revise record
Date
00
Original version
13-04-08
01
Change the interface from 37 to 40 pin
13-04-11
02
Change the LCM
view direction
13-04-18
03
Change the LCM
connect for connector
13-05-08
03.1
Perfect the VER03 spec,Commany internal modify.
13-08-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com