Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320CCNUWNFZCWC Datasheet(PDF) 12 Page - Jewel Hill Electronic

Part # JH24240320CCNUWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320CCNUWNFZCWC Datasheet(HTML) 12 Page - Jewel Hill Electronic

Back Button JH24240320CCNUWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH24240320CCNUWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
JH24240320C
VER: 03.1
- 11 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
8.MCU Interface Pin Function
Pin NO.
Symbol
Description
1
GND
Power Ground
2
YD
TOUCH PANEL Y_ DOWN
3
XL
TOUCH PANEL X_ LEFT
4
YU
TOUCH PANEL Y_ UP
5
XR
TOUCH PANEL X_ RIGHT
6
LCD-IN
NC
7
VCC
The
power supply 2.8V
8
IOVCC
Power supply For logic(1.8-2.8V)
9
FMARK(TE)
NC
10
CS
Chip Select
11
RS
Command/display data select pin
12
WR
Write signal
13
RD
Read signal
14-29
D0-D15
Data bus
30
RESET
Reset Pin
31
IM0
80 -16bits/80- 8bits select pin
32
NC
NC
33
GND
Power Ground
34
LEDK1
Backlight
Power(cathode)
35
LEDK2
Backlight
Power(cathode)
36
LEDK3
Backlight
Power(cathode)
37
LEDK4
Backlight
Power(cathode)
38
LEDA
Backlight
Power(ande)
39
GND
Power Ground
40
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com