Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH30240400BCNUMNTHCWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH30240400BCNUMNTHCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400BCNUMNTHCWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH30240400BCNUMNTHCWC Datasheet HTML 1Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 2Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 3Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 4Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 5Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 6Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 7Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 8Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
JH30240400B
VER: 0.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. General Specification
Item
Display Panel
Remark
Display Format
240*RGBx400(H) Dots
Colour
262k colours
Pixel Pitch
0.054mmx0.162mm
Active Area
38.88mm(W)*64.8mm(H)
Outline Dimensions
45.04mm(W)*77.00mm(H)*2.0mm(T)
LCD Type
IPS
Polarizer Mode
Transmissive,Normally Black
View Angle(U/D/L/R)
80/80/80/80 DEG
Driver IC
S6D04D1
Backlight
LED
Backlight Color
White
Backlight Driver Type
External Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com