Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH30240400BCNUMNTHCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH30240400BCNUMNTHCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400BCNUMNTHCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH30240400BCNUMNTHCWC Datasheet HTML 6Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 7Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 8Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 9Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 10Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 11Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 12Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 13Page - Jewel Hill Electronic JH30240400BCNUMNTHCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
JH30240400B
VER: 0.1
- 9 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
4.3 Interface Signals
Pin NO.
Symbol
Description
1
LCM-ID
TBD
2
XL
Touch Panel connection(NC)
3
YU
Touch Panel connection(NC)
4
XR
Touch Panel connection(NC)
5
YD
Touch Panel connection(NC)
6
GND
Ground
7
IOVCC
A Power Supply For The Internal Logic(1.65-3.3V)
8
VCC
A Power Supply For The Internal Logic:Vcc=2.8V
9
FMARK
Frame Head Pulse Signal
10
CS
LCD Chip Select Input Pin
11
RS
Reg Selection For Command/Data
12
WR
Write Execution Control Pin
13
RD
Read Execution Control Pin
14-29
DB0-DB15
Data Bus
30
RESET
Reset Pin
31
NC
No Connect
32
A
Backlight Anode
33
K1
Backlight Cathode1
34
K2
Backlight Cathode2
35
K3
Backlight Cathode3
36
K4
Backlight Cathode4
37
K5
Backlight Cathode5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com