Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120F Datasheet(HTML) 4 Page - Cree, Inc

  CGH40120F Datasheet HTML 1Page - Cree, Inc CGH40120F Datasheet HTML 2Page - Cree, Inc CGH40120F Datasheet HTML 3Page - Cree, Inc CGH40120F Datasheet HTML 4Page - Cree, Inc CGH40120F Datasheet HTML 5Page - Cree, Inc CGH40120F Datasheet HTML 6Page - Cree, Inc CGH40120F Datasheet HTML 7Page - Cree, Inc CGH40120F Datasheet HTML 8Page - Cree, Inc CGH40120F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
CGH40120F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical 800 MHz - 1300 MHz Performance
Gain, Output Power, and Power Added Efficiency vs Frequency
measured in 0.8-1.3 GHz Amplifier Circuit 03-000255
V
DD = 28 V, IDQ = 1.0 A
Typical Digital Video Broadcast (DVB) Performance
Output Power and Power Added Efficiency vs Frequency
measured in DVB Amplifier Circuit 03-000256
V
DD = 32 V, IDQ = 1.0 A
65
70
75
80
140
150
160
50
55
60
65
100
110
120
130
1350
1375
1400
1425
1450
1475
1500
1525
1550
Frequency (MHz)
Output Power (W)
PAE (%)
75
100
125
150
15
20
25
30
0
25
50
75
0
5
10
15
750
800
850
900
950
1000
1050
1100
1150
1200
1250
1300
1350
Frequency (MHz)
Small Signal Gain (dB)
Assoc. Gain (dB)
Psat (W)
PAE (%)
Gain (Assoc)
Gain (SS)
PAE
P
SAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com