Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120F Datasheet(PDF) 5 Page - Cree, Inc

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120F Datasheet(HTML) 5 Page - Cree, Inc

  CGH40120F Datasheet HTML 1Page - Cree, Inc CGH40120F Datasheet HTML 2Page - Cree, Inc CGH40120F Datasheet HTML 3Page - Cree, Inc CGH40120F Datasheet HTML 4Page - Cree, Inc CGH40120F Datasheet HTML 5Page - Cree, Inc CGH40120F Datasheet HTML 6Page - Cree, Inc CGH40120F Datasheet HTML 7Page - Cree, Inc CGH40120F Datasheet HTML 8Page - Cree, Inc CGH40120F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
CGH40120F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Digital Video Broadcast (DVB) Performance
Small Signal Gain and Return Loss vs Frequency of the CGH40120F
measured in DVB Amplifier Circuit 03-000256.
V
DD = 32 V, IDQ = 1.0 A
Typical Constellation Chart and Spectral Mask using 16QAM OFDM
for a CGH40120F in DVB Amplifier Circuit 03-000256 at 1450 MHz.
V
DD = 32 V, IDQ = 1.0 A, PAVE = 40 W, Drain Efficiency = 40 %, Signal PAR = 5.3 dB
19.30
-5
5
15
25
-5
5
15
25
-21.41
-35
-25
-15
-5
-35
-25
-15
-5
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
S21
S11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com