Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F283 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F283
Description  4-Bit Binary Full Adder with Fast Carry
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F283 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74F283 Datasheet HTML 2Page - National Semiconductor (TI) 74F283 Datasheet HTML 3Page - National Semiconductor (TI) 74F283 Datasheet HTML 4Page - National Semiconductor (TI) 74F283 Datasheet HTML 5Page - National Semiconductor (TI) 74F283 Datasheet HTML 6Page - National Semiconductor (TI) 74F283 Datasheet HTML 7Page - National Semiconductor (TI) 74F283 Datasheet HTML 8Page - National Semiconductor (TI) 74F283 Datasheet HTML 9Page - National Semiconductor (TI) 74F283 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
35
70
95
35
140
35
110
ns
tPHL
C0 to Sn
30
70
95
30
140
30
110
tPLH
Propagation Delay
30
70
95
30
170
30
130
ns
tPHL
An or Bn to Sn
30
70
95
30
140
30
115
tPLH
Propagation Delay
30
57
75
30
105
30
85
ns
tPHL
C0 to C4
30
54
70
25
100
30
80
tPLH
Propagation Delay
30
57
75
30
105
30
85
ns
tPHL
An or Bn to C4
25
53
70
25
100
25
80
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
283
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
QB e Military grade device with
54FeMilitary
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e
Plastic DIP
CeCommercial (0 Cto a70 C)
D e
Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e
Flatpak
L e
Leadless Chip Carrier (LCC)
S e
Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com