Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F283 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F283
Description  4-Bit Binary Full Adder with Fast Carry
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F283 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F283 Datasheet HTML 1Page - National Semiconductor (TI) 74F283 Datasheet HTML 2Page - National Semiconductor (TI) 74F283 Datasheet HTML 3Page - National Semiconductor (TI) 74F283 Datasheet HTML 4Page - National Semiconductor (TI) 74F283 Datasheet HTML 5Page - National Semiconductor (TI) 74F283 Datasheet HTML 6Page - National Semiconductor (TI) 74F283 Datasheet HTML 7Page - National Semiconductor (TI) 74F283 Datasheet HTML 8Page - National Semiconductor (TI) 74F283 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A3
A Operand Inputs
1020
20 mA b12 mA
B0–B3
B Operand Inputs
1020
20 mA b12 mA
C0
Carry Input
1010
20 mA b06 mA
S0–S3
Sum Outputs
50333
b
1 mA20 mA
C4
Carry Output
50333
b
1 mA20 mA
Functional Description
The ’F283 adds two 4-bit binary words (A plus B) plus the
incoming Carry (C0) The binary sum appears on the Sum
(S0–S3) and outgoing carry (C4) outputs The binary weight
of the various inputs and outputs is indicated by the sub-
script numbers representing powers of two
20 (A0 a B0 a C0) a 21 (A1 a B1)
a
22 (A2 a B2) a 23 (A3 a B3)
e
S0 a 2S1 a 4S2 a 8S3 a 16C4
Where (a) e plus
Interchanging inputs of equal weight does not affect the op-
eration Thus C0 A0 B0 can be arbitrarily assigned to pins
5 6 and 7 for DIPS and 7 8 and 9 for chip carrier packages
Due to the symmetry of the binary add function the ’F283
can be used either with all inputs and outputs active HIGH
(positive logic) or with all inputs and outputs active LOW
(negative logic) See
Figure 1 Note that if C0 is not used it
must be tied LOW for active HIGH logic or tied HIGH for
active LOW logic
Due to pin limitations the intermediate carries of the ’F283
are not brought out for use as inputs or outputs However
other means can be used to effectively insert a carry into or
bring a carry out from an intermediate stage
Figure 2
shows how to make a 3-bit adder Tying the operand inputs
of the fourth adder (A3 B3) LOW makes S3 dependent only
on and equal to the carry from the third adder Using some-
what the same principle
Figure 3 shows a way of dividing
the ’F283 into a 2-bit and a 1-bit adder The third stage
adder (A2 B2 S2) is used merely as a means of getting a
carry (C10) signal into the fourth stage (via A2 and B2) and
bringing out the carry from the second stage on S2 Note
that as long as A2 and B2 are the same whether HIGH or
LOW they do not influence S2 Similarly when A2 and B2
are the same the carry into the third stage does not influ-
ence the carry out of the third stage
Figure 4 shows a meth-
od of implementing a 5-input encoder where the inputs are
equally weighted The outputs S0 S1 and S2 present a bina-
ry number equal to the number of inputs I1–I5 that are true
Figure 5 shows one method of implementing a 5-input ma-
jority gate When three or more of the inputs I1–I5 are true
the output M5 is true
C0
A0
A1
A2
A3
B0
B1
B2
B3
S0
S1
S2
S3
C4
Logic Levels
L
LHLH
H
L
L
H
H
H
LL
H
Active HIGH
0
0101
1
0
0
1
1
1
0
0
1
Active LOW
1
1010
0
1
1
0
0
0
1
1
0
Active HIGH 0 a 10 a 9 e 3 a 16
Active LOW 1 a 5 a 6 e 12 a 0
FIGURE 1 Active HIGH versus Active LOW Interpretation
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com