Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL1141-R0B Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EL1141-R0B
Description  IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL1141-R0B Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EL1141-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EL1141 Series
www.EtherWAN.com
4
rev. A1.3
Ordering Information
Model
EL1141-X0B
10/100BASE-TX to 100BASE-FX Hardened Media Converter
* DIN-Rail mounting kit included
100FXFiberOptions(X)
1
Multi Mode (SC) - 2Km (1310nm
2
Multi Mode (ST) - 2Km (1310nm)
A
Single Mode (SC) - 20Km (1310nm)
B
Single Mode (SC) - 40Km (1310nm)
H
Single Mode (ST) - 20Km (1310nm)
6
Multi Mode (SC) WDM -TX:1310nm/RX:1550nm - 2Km
7
Multi Mode (SC) WDM -TX:1550nm/RX:1310nm - 2Km
8
Multi Mode (SC) WDM -TX:1310nm/RX:1550nm - 5Km
9
Multi Mode (SC) WDM -TX:1550nm/RX:1310nm - 5Km
P
Single Mode (SC) WDM -TX:1310nm/RX:1550nm - 20Km
Q
Single Mode (SC) WDM -TX:1550nm/RX:1310nm - 20Km
R
Single Mode (SC) WDM -TX:1310nm/RX:1550nm - 40Km
S
Single Mode (SC) WDM -TX:1550nm/RX:1310nm - 40Km
* More 100FX Fiber options also available upon request
OptionalAccessories
KP-AA96-480
Panel mounting kit
DR-30-24
30W/1.5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-60-24
60W/2.5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-75-24
75W/3.2A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-120-24
120W/5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
41-136046-X
36W/3A 12VDC hardened power adapter with open wire in aluminum housing (For Terminal Block);
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com