Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL1141-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EL1141-R0B
Description  IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL1141-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EL1141-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL1141-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EL1141 Series
www.EtherWAN.com
1
rev. A1.3
Overview
The EL1141 Series provides media conversion between 10/100BASE-T and 100BASE-SX-LX Fiber. Built specifically for mission-critical
applications in harsh environments, the EL1141’s hardened design features high shock & vibration resistance, electrical noise immunity,
wide operating temperature range from -40°C to 75°C, and ruggedized aluminum housing. The EL1141 passes IEC61850-3/IEEE1613
certifications and is suitable for power substation applications. With triple power inputs, link down alarming, Link-Fault-Pass-Through
and a wide range of fiber connectivity options the EL1141 is the ideal media converter for harsh environments.
EtherWAN – “When Connectivity is Crucial”.
Spotlight
•IEC61850-3/IEEE1613Certification
◦ Specific design for power automation applications
•EN50121-4Certification
◦ Specific design for railway environment application
•WideOperatingTemperature
◦ -40°C to 75°C wide operating temperature range design is suitable for installation in outdoor cabinets
•Link-Fault-Pass-Through(LFPT)
◦ LFPT function let network operators be aware of network connection status
◦ When fiber link is sown, LFPT function will turn down Ethernet port to inform connected device that the link is down and vise versa
EL1141Series
IEC61850/IEEE1613Hardened10/100BASE-TXto100BASE-FX
MediaConverter
NEMA
TS2
61850-3
IEC
UL
508


Similar Part No. - EL1141-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results

Similar Description - EL1141-R0B

ManufacturerPart #DatasheetDescription
logo
Level One
FVT-2001 LVL1-FVT-2001 Datasheet
652Kb / 4P
10/100BASE-TX to 100BASE-FX MMF SC Converter, 2km
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
10/100BASE-TX to 100BASE-FX MMF ST Converter,
FVT-2201 LVL1-FVT-2201 Datasheet
645Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 20km
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
Hardened 10/100BASE-TX to 100BASE-FX Media Converter
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
Broadcom Corporation.
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
10/100BASE-TX/FX Mini Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com