Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL9100-R1B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EL9100-R1B
Description  Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL9100-R1B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EL9100-R1B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EL9100 Series
www.EtherWAN.com
1
rev. A1.1
Overview
The EL9100 Series provides media conversion between 10/100/1000BASE-T(X) and 1000BASE-SX-LX Fiber. Built specifically
for mission-critical applications in harsh environments, the EL9100’s hardened design features high shock & vibration
resistance, electrical noise immunity, wide operating temperature range from -40°C to 75°C, and ruggedized aluminum
housing. With triple power inputs, link down alarming, Link-Fault-Pass-Through and a wide range of fiber connectivity
options, the EL9100 is the ideal media converter for environments where connectivity is crucial.
Spotlight
GigabitConnectivity
◦ Auto 10/100/1000BASE-TX and 1000BASE-SX/LX/BX Ethernet transmission conversion
◦ 1000Mbps Full duplex, 10/100MBps Full/Half duplex
◦ Full wire-speed forwarding rate
UL508Certification
◦ Specific design for industrial communication applications with UL508 safety certification
WideOperatingTemperature
◦ -40°C to 75°C wide operating temperature range design is suitable for installation in outdoor cabinet
EL9100Series
Hardened10/100/1000BASE-TXto1000BASE-SX/LX/BX
MediaConverter
UL
508
GigabitMediaConverters


Similar Part No. - EL9100-R1B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
More results

Similar Description - EL9100-R1B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_101 GLENAIR-050_101 Datasheet
260Kb / 4P
1000BASE-T to 1000BASE-SX/LX media converter
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
050-103 GLENAIR-050-103 Datasheet
207Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
050-104 GLENAIR-050-104 Datasheet
264Kb / 4P
10/100/1000BASE-T to 1000BASE-SX/LX
logo
Axiomtek Co., Ltd.
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
EL2321 AXIOMTEK-EL2321 Datasheet
373Kb / 4P
Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
EL9020 AXIOMTEK-EL9020 Datasheet
525Kb / 4P
Hardened 10/100/1000BASE-TX to Gigabit SFP Media Converter
logo
THOR communications
F-GET-TR THOR-F-GET-TR Datasheet
293Kb / 2P
Gigabit 1000Base-T to SX/LX Converter
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com