Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL9100-R1B Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EL9100-R1B
Description  Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL9100-R1B Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EL9100-R1B Datasheet HTML 1Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 2Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 3Page - Axiomtek Co., Ltd. EL9100-R1B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL9100 Series
www.EtherWAN.com
2
rev. A1.1
DIPSwitch
•No.1: LFPT on/off
•No.2: Alarm for copper port on/off
•No.3: Alarm for fiber port on/off
•No.4: Auto-negotiation for fiber port on/off
AlarmContact
•Relay contact rating with current
1A @ 30VDC, 0.5A @ 120VAC
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
StorageTemperature
•-40°C to 85°C (-40°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
EMI
FCCPart15B,ClassA
EN61000-6-4
EN55022
EN61000-3-2
EN61000-3-3
Safety
UL508
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
EnvironmentalTestCompliance
IEC60068-2-6Fc(VibrationResistance)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
IndustrialCompliance
NEMATS1&TS2
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x full duplex and flow control
ForwardandFilteringRate
•1,488,100pps for 1000Mbps
ProcessingType
•Auto Negotiation
•Half duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto-MDI/MDIX
Power
InputVoltage
•12 to 48VDC (Terminal Block)
•12VDC (DC Jack)
PowerConsumption
•7.68W Max, 0.16A @ 48VDC
Protection
•Overload current protection
•Reverse polarity protection
Mechanical
Casing
•Aluminum Case
•IP30
Dimensions
•50mm (W) x 110mm (D) x 135mm (H)
(1.97" (W) x 4.33" (D) x 5.31" (H))
Weight
•0.8Kg (1.76lbs.)
Installation
•DIN-Rail (Top hat type 35mm), Panel, or Rack mounting
Interface
EthernetPort
•10/100/1000BASE-TX: 1 port
•1000BASE-SX/LX/BX: 1 port
LEDIndicators
•Per Unit: Power1
Power2
Power3
Fault
LFPT
•Per 10/100/1000BASE-TX Port: Link/ACT
100M
1000M
Full-duplex/Collision
•Per 1000SX/LX/BX Port: Link/Act



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com