Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1600-RPSD Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EMC1600-RPSD
Description  16-Bay Media Converter and Ethernet Extender Chassis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EMC1600-RPSD Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EMC1600-RPSD Datasheet HTML 1Page - Axiomtek Co., Ltd. EMC1600-RPSD Datasheet HTML 2Page - Axiomtek Co., Ltd. EMC1600-RPSD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMC1600 Series
www.EtherWAN.com
3
rev. A1.2
Dimensions
Back
Top
Side
Front
440mm (17.32”)
Ordering Information
Model
EMC1600
16-Bay Media Converter and Ethernet Extender Chassis, including 2 AC Power Supplies (EMC1600-RPSA)
EMC1600-RPSA
Redundant AC Power Supply (84W) for EMC1600
EMC1600-RPSA2
Redundant AC Power Supply (108W) for EMC1600
EMC1600-RPSD
Redundant DC 48V Power Supply (65W) for EMC1600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com