Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1600-RPSD Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EMC1600-RPSD
Description  16-Bay Media Converter and Ethernet Extender Chassis
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EMC1600-RPSD Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EMC1600-RPSD Datasheet HTML 1Page - Axiomtek Co., Ltd. EMC1600-RPSD Datasheet HTML 2Page - Axiomtek Co., Ltd. EMC1600-RPSD Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMC1600 Series
www.EtherWAN.com
2
rev. A1.2
Interface
LEDIndicators
•Per Unit: Power Status (Power)
Environment
OperatingTemperature
•0°C to 45°C (32°F to 113°F)
StorageTemperature
•-10°C to 70°C (14°F to 158°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
Safety
UL60950-1
EmissionCompliances
CEMarkClassA
FCCPart15BClassA
Hardware Specifications
Power
Input
•100 - 240VAC, 50 - 60Hz Internal Universal PSU
•± 48VDC
PowerConsumption
•System: 5.4W Max
Protection
•Over current protection
Mechanical
Casing
•Metal case
Dimensions
• 440mm (W) x 276mm (D) x 90mm (H)
(17.32" (W) x 10.87" (D) x 3.54" (H))
• Standard 19" rack-mount size, two-unit-height
Weight
•6.8Kg (14.96lbs.)
Installation
•Rack mounting
Application Diagram
Fiber-
optic
Coaxial-
Cable
Cat.5
Ethernet
Tele
Wire
phone
RJ45
Fiber
RJ11
Coaxial Cable
The EMC1600 provides rack mount installation for large network systems



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com