Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX71620-R0B Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX71620-R0B
Description  Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX71620-R0B Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX71620-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EX71000 Series
www.EtherWAN.com
3
rev. A2
Interface
EthernetPort
•10/100BASE-TX: 8, 6 or 4 port
•100BASE-FX: 0 to 4 ports
•Gigabit: 0, 1 or 2 ports
ConsolePort
•Port: One DB9 RS-232 port
LEDIndicators
•Per Unit: Power 1, Power 2, Power 3
•Per Port: Link/Activity, Speed
AlarmContact
•One relay output with current 1A @ 24VDC
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
StorageTemperature
•-40°C to 85°C (-40°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
Safety
UL508
EMI
FCCPart15B,ClassA
EN61000-6-4
EN55022
EN61000-3-2
EN61000-3-3
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
EnvironmentalTestCompliance
IEC60068-2-6Fc(VibrationResistance)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
IndustrialCompliance
NEMATS2
EN50121-4
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x Full duplex and flow control
•IEEE802.1p QoS
•IEEE802.1Q Tag VLANs
•IEEE802.1w RSTP
•IEEE802.1x Port-based Network Access Control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
•1,488,100pps for 1000Mbps
PacketBufferMemory
•2M bits
ProcessingType
•Store-and-Forward
•Auto Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
•Auto MDI/MDIX
AddressTableSize
•8192 MAC addresses
Power
Input
•Redundant power inputs:
12 - 48VDC (Terminal Block)
12VDC (DC Jack)
PowerConsumption
•11W Max. 0.92A @ 12VDC, 0.46A @ 24VDC
Protection
•Reverse polarity protection
Mechanical
Casing
•Aluminum Case
•IP30
Dimensions
•60mm (W) x 125mm (D) x 145mm (H)
(2.36" (W) x 4.92" (D) x 5.7" (H))
Weight
•1.1Kg (2.42lbs.)
Installation
•DIN-Rail (Top hat type35mm), Rack or Wall mounting



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com