Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX71620-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX71620-R0B
Description  Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX71620-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX71620-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX71620-R0B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX71000 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX71000 Series provides a Hardened Fully Managed 10-port switching platform combining high performance switching
backbone with robust and secure management features required for mission critical and harsh environments where sustained
connectivity is crucial.
The EX71000 Series is equipped with Ten 10/100BASE Fast Ethernet ports, in combination with up to Two Gigabit, Fixed Fiber, or
SFP port options. Mountable on a DIN-rail. The EX71000 Series is equipped with EtherWAN’s Alpha-Ring self-healing technology,
providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption.
Users are able to access management features such as; port security, IGMP snooping, VLANs, GARP protocols, LACP, via web
browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces.
EtherWAN — "When Connectivity is Crucial."
Spotlight
•VersatileConnectivity
◦ Provides 8-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP
•HardenedGrade
◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments
◦ Fanless and ruggedized housing
•SecureRemoteAccess
◦ IEEE802.1x, ACL (Access Control List), and RADIUS support
EX71000Series
HardenedManaged8-port10/100BASEand2-portGigabit
EthernetSwitchwithSFPoptions
UL
508
NEMA
TS2
SFP
Option


Similar Part No. - EX71620-R0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
800 Amp Clamp Meters
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
More results

Similar Description - EX71620-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com