Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8302 Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8302
Description  Three Phase Gate Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8302 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8302_16 Datasheet HTML 17Page - Texas Instruments DRV8302_16 Datasheet HTML 18Page - Texas Instruments DRV8302_16 Datasheet HTML 19Page - Texas Instruments DRV8302_16 Datasheet HTML 20Page - Texas Instruments DRV8302_16 Datasheet HTML 21Page - Texas Instruments DRV8302_16 Datasheet HTML 22Page - Texas Instruments DRV8302_16 Datasheet HTML 23Page - Texas Instruments DRV8302_16 Datasheet HTML 24Page - Texas Instruments DRV8302_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RT_CLK
1
2
COMP
3
VSENSE
4
PWRGD
5
nOCTW
6
nFAULT
7
DTC
8
M_PWM
9
M_OC
10
GAIN
11
OC_ADJ
12
DC_CAL
13
GVDD
14
CP1
15
CP2
16
EN_GATE
17
INH_A
18
INL_A
19
INH_B
20
INL_B
21
INH_C
22
INL_C
23
DVDD
24
REF
25
SO1
26
SO2
27
AVDD
28
AGND
SS_TR
56
55
EN_BUCK
54
PVDD2
53
PVDD2
52
BST_BK
51
PH
50
PH
49
BIAS
48
BST_A
47
GH_A
46
SH_A
45
GL_A
44
SL_A
43
BST_B
42
GH_B
41
SH_B
40
GL_B
39
SL_B
38
BST_C
37
GH_C
36
SH_C
35
GL_C
34
SL_C
33
SN1
32
SP1
31
SN2
30
SP2
29
PVDD1
GH_C
SH_C
GL_C
SL_C
GH_B
SH_B
GL_B
SL_B
GH_A
SH_A
GL_A
SL_A
SN1
SP1
SN2
SP2
0.1 µF
0.1 µF
0.1 µF
GND PGND
AGND
VCC
22 µH
0.1 µF
PVDD
PVDD
1 µF
1 µF
56
56
0.022 µF
1
PVDDSENSE
ASENSE
BSENSE
CSENSE
MCU
DRV8302
ADC
PWM
GPIO
DAC
GPIO
VCC
POWE
R
VCC
X
+
GPIO
1 M
10
10
PVDD
SN1
SP1
GH_A
SH_A
GL_A
SL_A
V C
C
10
10
PVDD
SN2
SP2
GH_B
SH_B
GL_B
SL_B
V C
C
10
10
PVDD
GH_B
SH_B
GL_B
SL_B
V C
C
Diff. Pair
Diff . Pair
PVDD
PVDDSENSE
V C
C
GND
PGND
AGND
+
+
21
DRV8302
www.ti.com
SLES267C – AUGUST 2011 – REVISED MARCH 2016
Product Folder Links: DRV8302
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 6. Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com