Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8302 Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8302
Description  Three Phase Gate Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8302_16 Datasheet HTML 9Page - Texas Instruments DRV8302_16 Datasheet HTML 10Page - Texas Instruments DRV8302_16 Datasheet HTML 11Page - Texas Instruments DRV8302_16 Datasheet HTML 12Page - Texas Instruments DRV8302_16 Datasheet HTML 13Page - Texas Instruments DRV8302_16 Datasheet HTML 14Page - Texas Instruments DRV8302_16 Datasheet HTML 15Page - Texas Instruments DRV8302_16 Datasheet HTML 16Page - Texas Instruments DRV8302_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
DRV8302
www.ti.com
SLES267C – AUGUST 2011 – REVISED MARCH 2016
Product Folder Links: DRV8302
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Three-Phase Gate Driver
The half-bridge drivers use a bootstrap configuration with a trickle charge pump to support 100% duty cycle
operation. Each half-bridge is configured to drive two N-channel MOSFETs, one for the high-side and one for the
low-side. The half-bridge drivers can be used in combination to drive a 3-phase motor or separately to drive
various other loads.
The internal dead times are adjustable to accommodate a variety of external MOSFETs and applications. The
dead time is adjusted with an external resistor on the DTC pin. Shorting the DTC pin to ground provides the
minimum dead time (50 ns). There is an internal hand shake between the high side and low side MOSFETs
during switching transitions to prevent current shoot-through.
The three-phase gate driver can provide up to 30 mA of average gate driver current. This can support switching
frequencies up to 200 kHz when the MOSFET Qg = 25 nC. The high side gate drive will survive negative output
from the half-bridge up to –10 V for 10 ns. During EN_GATE low and fault conditions the gate driver keeps the
external MOSFETs in high impedance mode.
Each MOSFET gate driver has a VDS sensing circuit for overcurrent protection. The sense circuit measures the
voltage from the drain to the source of the external MOSFETs while the MOSFET is enabled. This voltage is
compared against the programmed trip point to determine if an overcurrent event has occurred. The trip voltage
is set through the OC_ADJ pin with a voltage usually set with a resistor divider. The high-side sense is between
the PVDD1 and SH_X pins. The low-side sense is between the SH_X and SL_X pins. Ensuring a differential, low
impedance connection to the external MOSFETs for these lines helps provide accurate VDS sensing. The
DRV8302 provides both cycle-by-cycle current limiting and latch overcurrent shutdown of the external MOSFET
through the M_OC pin.
The DRV8302 allows for both 6-PWM and 3-PWM control through the M_PWM pin.
Table 1. 6-PWM Mode
INL_X
INH_X
GL_X
GH_X
0
0
L
L
0
1
L
H
1
0
H
L
1
1
L
L
Table 2. 3-PWM Mode
INL_X
INH_X
GL_X
GH_X
X
0
H
L
X
1
L
H
(1)
VCC is the logic supply to the MCU
Table 3. Gate Driver External Components
NAME
PIN 1
PIN 2
RECOMMENDED
RnOCTW
nOCTW
VCC
(1)
≥10 kΩ
RnFAULT
nFAULT
VCC
(1)
≥10 kΩ
RDTC
DTC
GND (PowerPAD)
0 to 150 k
Ω (50 ns to 500 ns)
CGVDD
GVDD
GND (PowerPAD)
2.2 µF (20%) ceramic,
≥ 16 V
CCP
CP1
CP2
0.022 µF (20%) ceramic, rated for PVDD1
CDVDD
DVDD
AGND
1 µF (20%) ceramic,
≥ 6.3 V
CAVDD
AVDD
AGND
1 µF (20%) ceramic,
≥ 10 V
CPVDD1
PVDD1
GND (PowerPAD)
≥4.7 µF (20%) ceramic, rated for PVDD1
CBST_X
BST_X
SH_X
0.1 µF (20%) ceramic,
≥ 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com