Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH32240400FCNRWNFZCWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH32240400FCNRWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400FCNRWNFZCWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH32240400FCNRWNFZCWC Datasheet HTML 1Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 2Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH32240400F
VER: 1.0
- 3 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION.
The JH32240400F model is a Color TFT LCD. This main Module has a 3.2 inch diagonally measured
active display area with 240(RGB)×400 resolution. Each pixel is divided into Red, Green and Blue
sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH32240400F has been designed to apply the interface method that enables low power, high
speed, and high contrast.
The JH32240400Fis intended to support applications where thin thickness, wide viewing angle and
low power are critical factors and graphic displays are important.
2. GENERAL FEATURES.
Item
Display Panel
Remark
Display Mode
Normally White, Transmissive LCD
Viewing Direction
6 O’CLOCK
Input Signals
16Bits
Outside Dimensions
47.66mm(W)*80.9mm(H)*3.55mm(T)
Effective Area
-
Active Area
41.76mm(W)×69.6mm(H)
Number of Pixels
240×RGB×400Pixels
Pixel Pitch
0.174mm(H)×0.174mm(W)
Pixel Arrangement
RGB Vertical stripes
Drive IC
ILI9327
3.Absolute Maximum Ratings
The following are maximum values which, if exceeded may cause operation or damage to
the unit.
ITEM
Symbol
Min.
Typ.
Max.
Unit
Remark
Power for Circuit Driving
VDD
-0.3
-
3.3
V
Power for Circuit Logic
VCI
-0.3
-
4.6
V
LC Operating Voltage *1)
Vop
-
V
LED Forward Voltage
V
BBBBBBBBB
f
BBBBBBBBB
3.0
3.2
3.4
V
LED Forward Current
If
-
60
-
mA
LED Luminance
B
BBBBBBBBB
P
BBBBBBBBB
3200
-
-
cd/m
PPPPPPPPP
2
PPPPPPPPPPPPPPPPPPPPPPP
Storage Humidity
H
BBBBBBBBB
ST
BBBBBBBBB
10
-
90
%RH
Storage Temperature
T
BBBBBBBBB
ST
BBBBBBBBB
-30
-
80
Operating Ambient Humidity
H
BBBBBBBBB
OP
BBBBBBBBB
10
-
90
%RH
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
At
25±5℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com