Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH32240400FCNRWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH32240400FCNRWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400FCNRWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH32240400FCNRWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH32240400FCNRWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH32240400F
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
Power Ground
2
YU(NC)
Touch panel up pin/No connection
3
XL(NC)
Touch panel left pin/No connection
4
YD(NC)
Touch panel down pin/No connection
5
XR(NC)
Touch panel right pin/No connection
6
GND
Power Ground
7-22
DB15-DB0
Date bus
23
CS
Chip select input pin
24
RS
Data/Command Write Select pin
25
WR
Write execution control pin
26
RD
Read execution control pin
27
IM0
No connection
28
RESET
System Reset Pin
29
IOVCC
Power Supply for I/O interface(1.8V/2.8V)
30
VCC
Power Supply(2.8V)
31
LEDA
Anode pin of backlight
32
LEDK1
Cathode pin 1 of backlight
33
LEDK2
Cathode pin 2 of backlight
34
LEDK3
Cathode pin 3 of backlight
35
LEDK4
Cathode pin 4 of backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com