Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH47480272ACNDNNTZCWC Datasheet(PDF) 27 Page - Jewel Hill Electronic

Part # JH47480272ACNDNNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH47480272ACNDNNTZCWC Datasheet(HTML) 27 Page - Jewel Hill Electronic

Back Button JH47480272ACNDNNTZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 23Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 24Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 25Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 26Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 27Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 28Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 29Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 30Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
JH47480272A
VER: 0.1
- 26 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
- Water
- Ketone
- Aromatic solvents
Wipe off saliva or water drops immediately, contact with water over a long period of
time may cause deformation or color fading. Avoid contacting oil and fats.
(7) Exercise care to minimize corrosion of the electrode. Corrosion of the electrodes is
accelerated by water droplets, moisture condensation or a current flow in a
high-humidity environment.
(8) Install the LCD Module by using the mounting holes. When mounting the LCD module
make sure it is free of twisting, warping and distortion. In particular, do not forcibly pull
or bend the I/O cable or the backlight cable.
(9) Do not attempt to disassemble or process the LCD module.
(10) NC terminal should be open. Do not connect anything.
(11) If the logic circuit power is off, do not apply the input signals.
(12) Since LCM has been assembled and adjusted with a high degree of precision, avoid
applying excessive shocks to the module or making any alterations or modifications
to it.
- Do not alter, modify or change the shape of the tab on the metal frame.
- Do not make extra holes on the printed circuit board, modify its shape or change
the positions of components to be attached.
- Do not damage or modify the pattern writing on the printed circuit board.
- Absolutely do not modify the zebra rubber strip (conductive rubber) or heat seal
connector.
- Except for soldering the interface, do not make any alterations or modifications with
a soldering iron.
- Do not drop, bend or twist LCM.
Storage Precautions.
When storing the LCD modules, the following precaution is necessary.
(1) Store them in a sealed polyethylene bag. If properly sealed, there is no need for the
dessicant.
(2) Store them in a dark place. Do not expose to sunlight or fluorescent light, keep the
temperature between 0°C and 35°C.
(3) The polarizer surface should not come in contact with any other objects. (We advise
you to store them in the container in which they were shipped).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com