Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH47480272ACNDNNTZCWC Datasheet(PDF) 30 Page - Jewel Hill Electronic

Part # JH47480272ACNDNNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH47480272ACNDNNTZCWC Datasheet(HTML) 30 Page - Jewel Hill Electronic

Back Button JH47480272ACNDNNTZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 23Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 24Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 25Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 26Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 27Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 28Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 29Page - Jewel Hill Electronic JH47480272ACNDNNTZCWC Datasheet HTML 30Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
JH47480272A
VER: 0.1
- 29 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
SAMPLE APPROVED REPORT
(样品确认单)
SAMPLE MODEL NO. (样品型号)
JH47480272A
SAMPLE SERIES NUMBER NO. (样品序号)
SAMPLE QUANTITY (样品数量)
-
COLOR/TYPE (底色/类型)
TFT/NEGATIVE
VIEWING DIRECTION (视角)
12H
DRIVING METHOD (驱动参数)
1/272 DUTY
LOGIC VOLTAGE (工作电压)
3.3V
LCD VOP (LCD 驱动电压)
-
OPERATING TEMP. (操作温度) ℃
-20~60
STORAGE TEMP. (储存温度) ℃
-30~70
POLARIZER----FRONT (首偏光片)
TRANSMISSIVE
POLARIZER----BACK (后偏光片)
CONTROLLER/DRIVER IC(控制/驱动 IC)
HX8257(COG)
BACKLIGHT COLOR/TYPE (背光源类型/颜色)
LED/WHITE(10PCS LED)
BACKLIGHT VOLTAGE (背光电压)
-
SPECIFICATION (规格书
份数)
1BATE
REMARKS:
(备注)
WRIT BY:_________
DATE:_________
APROV BY:_________
DATE:________
CUSTOMER’S APPROVAL (客户确认):
1)
FUNCTION
(功能):
OK
N.G.
2)
DRIVER CONDITION
(驱动条件):
OK
N.G.
3)
DISPLAY MODE
(显示模式):
OK
N.G.
4)
VIEWING
ANGLE
(视角):
OK
N.G.
5)
BACKLIGHT
(背光源):
OK
N.G.
6)
DISPLAYING
PATTERN (显示效果):
OK
N.G.
CUSTOMER’S CONCLUSIONS
(客户意见):______________________________________
_______________________________________________________________________________
________________________________________
CUSTOMER’S
SIGNATURE(客户签名):_____________
DATE (日期):___________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com