Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL12K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL12K
Description  Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL12K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRCOOL12K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Uses environmentally friendly R410a refrigerant (Contains no ozone depleting R22 refrigerant which has been banned by the U.S. EPA in
new equipment after January 1, 2010)
No water collection tank required. A built-in evaporator expels condensate into the exhaust air stream meaning no drain tube, drain pan or
water collection tank that needs to be emptied every few hours
Cold air output can be precisely directed through a 71" flexible tube to the 'hot spot' for better, faster cooling. (Standard louvered insert is
also included for general room cooling)
Auto-restart feature retains all system settings and returns the unit back to its last operational state after AC power is restored
Communication port allows users to monitor temperatures, receive alerts, review logs and control settings from any location (requires
SRCOOLNET accessory available mid-Q3)
Compact, portable, self-contained design; ideal for IT, industrial, commercial and similar applications
Quick and easy installation. Plugs into a standard 5-15R outlet; no adapter required
Window/drop ceiling installation kit is included for extracting heat
Offers 3 different cycles (cool, dehumidify and fan)
Cools in confined spaces where facility air conditioning can't reach
Dehumidifies and filters air to promote more efficient equipment performance
Built-in timer for automatic unattended start-up and shutdown
System lock function disables all other buttons to prevent accidental input
Quiet operation with minimal power consumption
Convenient top-mounted controls and displays
120V AC input, 60 Hz frequency compatibility
Specifications
OVERVIEW
Model Type
Active Cooling
INPUT
Nominal Input Voltage(s)
Supported
120V AC
Electrical Consumption
1250 Watts Max
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord length (m)
1.83
LEDS ALARMS & SWITCHES
Front panel LEDs
Touch sensitive control panel with multiple LEDs and numerical temperature readout
PHYSICAL
Shipping Dimensions
(HWD/in)
33.46 x 15.16 x 29.13
Shipping Dimensions
(HWD/cm)
85 x 38.5 x 74
Shipping weight (lbs)
83
Shipping weight (kg)
37.65
Unit Dimensions (HWD/in)
30.63 x 11.81 x 19.88
Unit Dimensions (HWD/cm)
77.8 x 30 x 50.5
Unit weight (lbs)
73.9
Unit weight (kg)
33.5
Material of construction
ABS
Color
Black



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com