Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOL12K Datasheet (PDF) - Tripp Lite. All Rights Reserved

SRCOOL12K Datasheet PDF - Tripp Lite. All Rights Reserved
Part # SRCOOL12K
Download  SRCOOL12K Download
File Size   127.01 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets

SRCOOL12K Datasheet (PDF)

Go To PDF Page Download Datasheet
SRCOOL12K Datasheet PDF - Tripp Lite. All Rights Reserved

Part # SRCOOL12K
Download  SRCOOL12K Click to download

File Size   127.01 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets

SRCOOL12K Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - SRCOOL12K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
SRCOOL3KTP TRIPPLITE-SRCOOL3KTP Datasheet
41Kb / 3P
Top-of-Rack Precision Cooling Air Conditioner: 3.5 kW (12 kBTU), 208/240V, 9U
SRCOOL3KTP25U TRIPPLITE-SRCOOL3KTP25U Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
SRCOOL3KTP33U TRIPPLITE-SRCOOL3KTP33U Datasheet
41Kb / 3P
SmartRack 33U Standard-Depth Rack Enclosure Cabinet with 3.5kW (12kBTU) Top-of-Rack Air Conditioner
More results


Similar Description - SRCOOL12K

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8620Y MAXIM-MAX8620Y Datasheet
409Kb / 18P
PMIC for Microprocessors or DSPs in Portable Equipment
Rev 0; 1/05
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57500M0103A005 EPCOS-B57500M0103A005 Datasheet
61Kb / 3P
Air sensor for air conditioning
B57500K0103A001 EPCOS-B57500K0103A001 Datasheet
62Kb / 3P
Evaporator sensor for air conditioning systems
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
logo
Tripp Lite. All Rights ...
SRXCOOL12K TRIPPLITE-SRXCOOL12K Datasheet
535Kb / 3P
SmartRack 12,000 BTU 230V Portable Air Conditioning Unit - Small Server Rooms and Network Closets
logo
Shenzhen Guan Hua Wei Y...
WSD45P10DN56 WIINSOK-WSD45P10DN56 Datasheet
1Mb / 5P
Portable equipment and battery
logo
Tripp Lite. All Rights ...
SRCOOL24K TRIPPLITE-SRCOOL24K Datasheet
168Kb / 3P
Portable AC Unit for Server Rooms - 24,000 BTU, 208/240V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com