Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD01060 Datasheet(PDF) 2 Page - Cree, Inc

Part # CSD01060
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060 Datasheet(HTML) 2 Page - Cree, Inc

  CSD01060_13 Datasheet HTML 1Page - Cree, Inc CSD01060_13 Datasheet HTML 2Page - Cree, Inc CSD01060_13 Datasheet HTML 3Page - Cree, Inc CSD01060_13 Datasheet HTML 4Page - Cree, Inc CSD01060_13 Datasheet HTML 5Page - Cree, Inc CSD01060_13 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CSD01060 Rev. P
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
Forward Voltage
1.6
2.0
1.8
2.4
V
I
F = 1 A
T
J=25°C
I
F = 1 A
T
J=175°C
I
R
Reverse Current
20
40
100
500
μA
V
R = 600 V
T
J=25°C
V
R = 600 V
T
J=150°C
Q
C
Total Capacitive Charge
3.3
nC
V
R = 600 V, IF = 1 A
di/dt = 500 A/
μs
T
J = 25°C
C
Total Capacitance
80
11
8.5
pF
V
R = 0 V, TJ = 25°C, f = 1 MHz
V
R = 200 V, TJ = 25˚C, f = 1 MHz
V
R = 400 V, TJ = 25˚C, f = 1 MHz
Note:
1. This is a majority carrier diode, so there is no reverse recovery charge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
R
θJC
Thermal Resistance from Junction to Case
7
°C/W
R
θJA
Thermal Resistance from Junction to Ambient
60
˚C/W
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
0
10
20
30
40
50
0
200
400
600
800
1000
VR Reverse Voltage (V)
T
J = 25°C
T
J = 100°C
T
J = 200°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
F Forward Voltage (V)
0
10
20
30
40
50
0
200
400
600
800
1000
VR Reverse Voltage (V)
TJ 25 ° C
TJ 100 ° C
TJ 200 ° C
T
J = 25°C
T
J = 100°C
T
J = 200°C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
T
J = 25°C
T
J = 50°C
T
J = 100°C
T
J = 150°C
V
R Reverse Voltage (V)
50
40
30
20
10
0
0
200
400
600
800
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com